PART |
Description |
Maker |
SM12CXC220 SM34CXC614 SM36CXC604 SM38CXC624 SM38CX |
860 A, 1200 V, SILICON, RECTIFIER DIODE 1160 A, 3400 V, SILICON, RECTIFIER DIODE 1010 A, 3600 V, SILICON, RECTIFIER DIODE 1106 A, 3800 V, SILICON, RECTIFIER DIODE 2640 A, 3800 V, SILICON, RECTIFIER DIODE 1106 A, 3400 V, SILICON, RECTIFIER DIODE 435 A, 1500 V, SILICON, RECTIFIER DIODE 440 A, 600 V, SILICON, RECTIFIER DIODE 1160 A, 3800 V, SILICON, RECTIFIER DIODE 1160 A, 4200 V, SILICON, RECTIFIER DIODE 940 A, 800 V, SILICON, RECTIFIER DIODE 940 A, 1800 V, SILICON, RECTIFIER DIODE 940 A, 400 V, SILICON, RECTIFIER DIODE 940 A, 1000 V, SILICON, RECTIFIER DIODE 940 A, 600 V, SILICON, RECTIFIER DIODE 940 A, 1600 V, SILICON, RECTIFIER DIODE 1106 A, 4000 V, SILICON, RECTIFIER DIODE 310 A, 2600 V, SILICON, RECTIFIER DIODE 370 A, 2600 V, SILICON, RECTIFIER DIODE 2700 A, 2600 V, SILICON, RECTIFIER DIODE 860 A, 1400 V, SILICON, RECTIFIER DIODE 440 A, 400 V, SILICON, RECTIFIER DIODE 440 A, 800 V, SILICON, RECTIFIER DIODE 435 A, 1600 V, SILICON, RECTIFIER DIODE 435 A, 1800 V, SILICON, RECTIFIER DIODE 527 A, 3200 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
TA0460A |
SAW Filter 940.5MHz SMD 3.0隆驴3.0mm SAW Filter 940.5MHz SMD 3.0×3.0mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
KM4457F3C |
1.5 mm, 1 ELEMENT, INFRARED LED, 940 nm
|
KINGBRIGHT CORP
|
AP2012F3CT |
1.2 mm, 1 ELEMENT, INFRARED LED, 940 nm
|
KINGBRIGHT CORP
|
TA0546A |
SAW Filter 940.5 MHz SMD 3.0X3.0 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0390A |
SAW Filter 940.5 MHz SMD 3.0X3.0 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
SFH4243 Q65110A7515 |
IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
|
OSRAM GmbH
|
PE51001 |
Mobile Antenna, 118 . 940 MHz, 0 dB
|
Pasternack Enterprises, Inc.
|
LTE-209 |
Property of Lite-On Only 3 mm, 1 ELEMENT, INFRARED LED, 940 nm
|
Lite-On Technology Corporation LITE-ON ELECTRONICS INC
|
B4065 B39941-B4065-U810 |
SAW Components Low-Loss Filter 940,0 MHz
|
EPCOS[EPCOS]
|
SPLE10N94G2 |
Actively Cooled Diode Laser Bar, 600 W cw at 940 nm
|
OSRAM GmbH
|
TSAL5300 TSAL530009 TSAL5300-MSZ |
High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
|
Vishay Siliconix
|
|